Part Number Hot Search : 
587P8915 LTC40 XXXBB 23K014 CXXXXT AM4535C BCM857BV 2N7002W
Product Description
Full Text Search
 

To Download B32340C4002A800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Film capacitors - Power Factor Correction
PhiCap capacitors
Series/Type: Ordering code: Date: Version:
B32340C / MKPxxx-I B32340C****A*** June 2009 3
Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white". This ensures that the table disappears (invisible) for the customer PDF. Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it!
Identification/Classification 1 (header 1 + top left bar): Identification/Classification 2 (header 2 + bottom left header bar): Ordering code: (top right header bar) Series/Type: (top right header bar) Preliminary data (optional): (if necessary) Department: Date: Version: Film capacitors - Power Factor Correction PhiCap capacitors B32340C****A*** B32340C / MKPxxx-I Preliminary data FK PC PM PFC June 2009 3
EPCOS AG 2009. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited
Film capacitors - Power Factor Correction PhiCap capacitors
Preliminary data Construction Dielectric: metallized polypropylene film Semi-dry; biodegradable soft resin; nonPCB Case: extruded round aluminum can with stud Mounting and grounding: threaded M12 stud on bottom of can Degree of protection: IP20 (optionally IP54 with terminal cover; additional cable gland at cable entry required) Features Single phase, provided with discharge resistors Dual safety system: overpressure disconnector, self-healing technology C US file # E106388 C22.2 N190 MC # 236094 Naturally air cooled (or forced air cooling) Indoor mounting Typical applications For Power Factor Correction Terminals Fast-on terminals Mounting Threaded stud at bottom of can (max. torque = 10 Nm for M12)
B32340C****A*** B32340C / MKPxxx-I
Dimensional drawing
Characteristics Rated capacitance CR and QR Tolerance Rated voltage VR Rated frequency fR According to specification table -5/+10% According to specification table 50/60 Hz
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 2 of 12
June 2009
Film capacitors - Power Factor Correction PhiCap capacitors
Preliminary data
B32340C****A*** B32340C / MKPxxx-I
Technical data and specifications Maximum ratings (accord. to IEC 60831) Maximum permissible voltage Vmax VR +10% (up to 8 h daily) VR +15% (up to 30 min daily) VR +20% (up to 5 min daily) VR +30% (up to 1 min daily) Up to 1.3 * IR (up to 1.5 * IR incl. combined effects of harmonics, over voltages and capacitance) Up to 200 * IR < 0.2 W/kvar < 0.45 W/kvar
Maximum permissible current Imax Maximum transient inrush current Power dissipation (dielectric) Power dissipation (excluding discharge resistors) Test data (accord. To IEC 60831) AC test voltage terminal-to-terminal Insulation voltage between terminals and container Dissipation factor tan at 100 Hz Climatic category / -25/D (to IEC 60831)
2.15 * VR, 2 s 3000 V AC, 10 s 1.0 * 10-3
Ambient temperature
Max. temp. = Max. mean 24 h = Max. mean 1 year = Lowest temperature = Average relative < 95% 4000 m
55 C 45 C 35 C -25 C
Maximum permissible humidity Maximum permissible altitude Mean life expectancy tLD
Up to 100.000 operating hours
Max. 5 000 switching operations according to IEC 60831
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 3 of 12
June 2009
Film capacitors - Power Factor Correction PhiCap capacitors
Preliminary data
B32340C****A*** B32340C / MKPxxx-I
Design data Dimensions (d x l) Weight approx. Filling Fixing Max. torque (Al can stud) Mounting position Terminals Degree of protection Creepage distance Clearance Safety Mechanical safety Max. short circuit current Discharge resistor time Reference standards IEC 60831-1/2. UL 810-5th edition Single phase resistor, included in the extend of delivery Tear off fuses overpressure disconnector (AFC: 10 kA) (to UL 810) 1 min (75 V) , IEC 60831 specifies 3 min. IP20, option IP54 with plastic terminal cap; additional cable gland at cable entry required. 10 mm 16.5 mm (to UL 810) According to specification table According to specification table Biodegradable soft resin Threaded bolt M12 10 Nm (for O 63.5 mm) Upright. See "Installation and maintenance instructions for PFC capacitors" for further details.
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 4 of 12
June 2009
Film capacitors - Power Factor Correction PhiCap capacitors
Preliminary data Single-phase capacitors - VR = 220 V AC, 50/60 Hz
Product / Type Ordering code MKP220-I-0.7 B32340C2001A820 MKP220-I-1.4 B32340C2011A720 MKP220-I-1.7 B32340C2021A520 MKP220-I-2.1 B32340C2021A020 MKP220-I-2.3 B32340C2021A520 MKP220-I-2.8 B32340C2031A320 Product / Type Ordering code MKP230-I-0.8 B32340C2002A830 MKP230-I-1.7 B32340C2012A730 MKP230-I-2.5 B32340C2022-A530 Product / Type Ordering code MKP380-I-0.7 B32340C3002A680 MKP380-I-1.4 B32340C3011A780 MKP380-I-2.1 B32340C3021A580 MKP380-I-2.8 B32340C3031A380 MKP380-I-4.2 B32340C3051A080 50 Hz Output IR kvar A 0.7 1.4 1.7 2.1 2.3 2.8 3.1 6.3 7.6 9.5 10.3 12.5 60 Hz Output IR kvar A 0.8 1.7 2.0 2.5 2.7 3.3 3.8 7.6 9.0 11.4 12.5 15.0 CR F 45 91 110 137 150 183 CR F 50 100 150 CR F 15 31 46 62 91
B32340C****A*** B32340C / MKPxxx-I
Dimensions dxh mm 63.5 x 105 63.5 x 142 63.5 x 142 63.5 x 142 63.5 x 142 63.5 x 142 Dimensions dxh mm 63.5 x 105 63.5 x 142 63.5 x 142 Dimensions dxh mm 63.5 x 68 63.5 x 68 63.5 x 105 63.5 x 105 63.5 x 142
Weight kg 0.30 0.40 0.40 0.40 0.50 0.50 Weight kg 0.30 0.40 0.50 Weight kg 0.30 0.30 0.40 0.40 0.40
Quantity per box 12 12 12 12 12 12 Quantity per box 12 12 12 Quantity per box 12 12 12 12 12
Single-phase capacitors - VR = 230 V AC, 50/60 Hz
50 Hz Output IR kvar A 0.8 1.7 2.5 3.6 7.2 10.9 60 Hz Output IR kvar A 1.0 2.0 3.0 4.3 8.7 13.1
Single-phase capacitors - VR = 380 V AC, 50/60 Hz
50 Hz Output IR kvar A 0.7 1.4 2.1 2.8 4.2 1.8 3.6 5.5 7.4 10.9 60 Hz Output IR kvar A 0.8 1.7 2.5 3.3 5.0 2.2 4.4 6.6 8.9 13.1
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 5 of 12
June 2009
Film capacitors - Power Factor Correction PhiCap capacitors
Preliminary data Single-phase capacitors - VR = 400 V AC, 50/60 Hz
Product / Type Ordering code MKP400-I-0.8 B32340C4002A800 MKP400-I-1.7 B32340C4012A700 MKP400-I-2.5 B32340C4022A500 MKP400-I-3.3 B32340C4032A300 MKP400-I-4.2 B32340C4051A000 MKP400-I-5.0 B32340C4052A000 50 Hz Output IR kvar A 0.8 1.7 2.5 3.3 4.2 5.0 2.0 4.2 6.3 8.4 10.4 12.4 60 Hz Output IR kvar A 1.0 2.0 3.0 4.0 5.0 6.0 2.3 5.0 7.5 10.0 12.5 15.0 CR F 15 33 50 66 83 99
B32340C****A*** B32340C / MKPxxx-I
Dimensions dxh mm 63.5 x 68 63.5 x 68 63.5 x 105 63.5 x 105 63.5 x 142 63.5 x 142
Weight kg 0.30 0.30 0.40 0.40 0.50 0.50
Quantity per box 12 12 12 12 12 12
Single-phase capacitors - VR = 415 V AC, 50/60 Hz
Product / Type Ordering code MKP415-I-0.8 B32340C4002A810 MKP415-I-1.7 B32340C4012A710 MKP415-I-2.5 B32340C4022A510 MKP415-I-3.3 B32340C4032A310 MKP415-I-5.0 B32340C4052A010 50 Hz Output IR kvar A 0.8 1.7 2.5 3.3 5.0 2.0 4.0 6.0 8.0 12.0 60 Hz Output IR kvar A 1.0 2.0 3.0 4.0 6.0 2.4 4.8 7.2 9.7 14.4 CR F 15 31 46 62 91 Dimensions dxh mm 63.5 x 68 63.5 x 105 63.5 x 142 63.5 x 142 63.5 x 142 Weight kg 0.35 0.45 0.50 0.50 0.50 Quantity per box 12 12 12 12 12
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 6 of 12
June 2009
Film capacitors - Power Factor Correction PhiCap capacitors
Preliminary data Single-phase capacitors - VR = 440 V AC, 50/60 Hz
Product / Type Ordering code MKP440-I-0.7 B32340C4001A840 MKP440-I-1.4 B32340C4011A740 MKP440-I-2.1 B32340C4021A540 MKP440-I-2.8 B32340C4031A340 MKP440-I-3.3 B32340C4032A340 MKP440-I-4.2 B32340C4051A040 MKP440-I-5.0 B32340C4052A040 50 Hz Output IR kvar A 0.7 1.4 2.1 2.8 3.3 4.2 5.0 1.6 3.2 4.7 6.4 7.6 9.5 11.4 60 Hz Output IR kvar A 0.8 1.7 2.5 3.3 4.0 5.0 6.0 1.9 3.8 5.7 7.6 9.1 11.4 13.6 CR F 11 23 34 46 55 68 82
B32340C****A*** B32340C / MKPxxx-I
Dimensions dxh mm 63.5 x 68 63.5 x 68 63.5 x 105 63.5 x 105 63.5 x 142 63.5 x 142 63.5 x 142
Weight kg 0.30 0.30 0.40 0.40 0.50 0.50 0.50
Quantity per box 12 12 12 12 12 12 12
Single-phase capacitors - VR = 480 V AC, 50/60 Hz
Product / Type Ordering code MKP480-I-0.7 B32340C4001A880 MKP480-I-1.4 B32340C4011A780 MKP480-I-2.1 B32340C4021A580 MKP480-I-2.8 B32340C4031A380 50 Hz Output IR kvar A 0.7 1.4 2.1 2.8 1.5 2.9 4.3 5.8 60 Hz Output IR kvar A 0.8 1.7 2.5 3.3 1.7 3.5 5.2 6.9 CR F 10 19 29 38 Dimensions dxh mm 63.5 x 105 63.5 x 105 63.5 x 105 63.5 x 142 Weight kg 0.30 0.30 0.30 0.50 Quantity per box 12 12 12 12
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 7 of 12
June 2009
Film capacitors - Power Factor Correction PhiCap capacitors
Preliminary data Single-phase capacitors - VR = 525 V AC, 50/60 Hz
Product / Type Ordering code MKP525-I-1.4 B32340C5011A720 MKP525-I-2.8 B32340C5031A320 MKP525-I-3.3 B32340C5032A320 MKP525-I-4.2 B32340C5051A020 50 Hz Output IR kvar A 1.4 2.8 3.3 4.2 2.6 5.2 6.3 8.0 60 Hz Output IR kvar A 1.7 3.3 4.0 5.0 3.1 6.2 7.6 9.5 CR F 16 31 38 48
B32340C****A*** B32340C / MKPxxx-I
Dimensions dxh mm 63.5 x 105 63.5 x 142 63.5 x 142 63.5 x 142
Weight kg 0.30 0.50 0.60 0.60
Quantity per box 12 12 12 12
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 8 of 12
June 2009
Film capacitors - Power Factor Correction PhiCap capacitors
Preliminary data Cautions and warnings
B32340C****A*** B32340C / MKPxxx-I
In case of dents of more than 1 mm depth or any other mechanical damage, capacitors must not be used at all. This applies also in cases of oil leakages. To ensure the full functionality of the overpressure disconnector, elastic elements must not be hindered and a minimum space of 12 mm has to be kept above each capacitor. Do not handle the capacitor before it is discharged. Resonance cases must be avoided by appropriate application design in any case. Handle capacitors carefully, because they may still be charged even after disconnection due to faulty discharging devices. Protect the capacitor properly against over current and short circuit. Failure to follow cautions may result, worst case, in premature failures, bursting and fire.
Discharging Capacitors must be discharged to a maximum of 10% of rated voltage before they are switched in again. This prevents an electric impulse discharge in the application, influences the capacitor's service life and protects against electric shock. The capacitor must be discharged to 75 V or less within 3 minutes. There must be not any switch, fuse or any other disconnecting device in the circuit between the power capacitor and the discharging device. Discharge resistors are included in the deliver; alternatively discharge reactors are available from EPCOS. Discharge and short circuit capacitor before handling! Service life expectancy Electrical components do not have an unlimited service life expectancy; this applies to self-healing capacitors too. The maximum service life expectancy may vary depending on the application the capacitor is used in. Safety Electrical or mechanical misapplication of capacitors may be hazardous. Personal injury or property damage may result from bursting of the capacitor or from expulsion of oil or melted material due to mechanical disruption of the capacitor. Ensure good, effective grounding for capacitor enclosures. Provide means of disconnecting and insulating a faulty component/bank. The terminals of capacitors, connected bus bars and cables as well as other devices may also be energized. Follow good engineering practice.
Thermal load/over-temperature After installation of the capacitor it is necessary to verify that maximum hot-spot temperature is not exceeded at extreme service conditions.
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 9 of 12
June 2009
Film capacitors - Power Factor Correction PhiCap capacitors
Preliminary data
B32340C****A*** B32340C / MKPxxx-I
Overpressure disconnector To ensure full functionality of an overpressure disconnector, the following must be observed: 1. The elastic elements must not be hindered, i.e. - connecting lines must be flexible leads (cables), - there must be sufficient space (min. 12 mm) for expansion above the connections. This will enable a longitudinal extension of the can to secure the overpressure disconnector work. - folding beads must not be retained by clamps. 2. Maximum allowed fault current of 10000 A in accordance with UL 810 standard must be assured by the application. 3. Stress parameters of the capacitor must be within the IEC 60831 specification. Overcurrent and short circuit protection Use HRC fuses or MCCBs for short circuit protection. Short circuit protection and connecting cables should be selected so that 1.5 times the rated capacitor current can be permanently handled. HRC fuses do not protect a capacitor against overload - they are only for short circuit protection. The HRC fuse rating should be 1.6 to 1.8 times rated capacitor current. Do not use HRC fuses to switch capacitors (risk of arcing). Use thermal magnetic over current relays for overload protection. Resonance cases Resonance cases must be avoided by appropriate application design in any case. Maximum total RMS capacitor current (incl. fundamental harmonic current) specified in technical data must not be exceeded. Re-switching vs. phase-opposition In case of voltage interruption, a sufficient discharge time has to be ensured to avoid phaseopposition and resulting high inrush currents. Vibration resistance The resistance to vibration of capacitors corresponds to IEC 68, part 2-6.
Max. test conditions: Test duration Frequency range 1 Displacement amplitude
*corresponding to max. 98.1 m/s" or 10 g
6 h* 10 ... 55 Hz* 0.75 mm*
These figures apply to the capacitor alone. Because the fixing and the terminals may influence the vibration properties, it is necessary to check stability when a capacitor is built in and exposed to vibration. Irrespective of this, you are advised not to locate capacitors where vibration amplitude reaches the maximum in strongly vibrating equipment.
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 10 of 12
June 2009
Film capacitors - Power Factor Correction PhiCap capacitors
Preliminary data
B32340C****A*** B32340C / MKPxxx-I
Mechanical protection The capacitor has to be installed in a way that mechanical damages and dents in the aluminium can are avoided. Grounding The threaded bottom stud of the capacitor has to be used for grounding. In case grounding is done via metal chassis that the capacitor is mounted to, the layer of varnish beneath the washer and nut should be removed. The maximum tightening torque is 10 Nm. Maintenance Check tightness of the connections/terminals periodically. Take current reading twice a year and compare with nominal current. Use a harmonic analyser or true effective RMS-meter. In case of current above the nominal current check your application for modifications. If a significant increase in the amount of non-linear loads has been detected, then a consultant has to be called in for a harmonic study. In case of the presence of harmonics installation of a de-tuned capacitor bank (reactors) must be considered. Check the discharge resistors/reactors and in case of doubt, check their function: (1) Power the capacitor up and down. (2) After 90 seconds the voltage between the terminals must decline to less than 75 V. Check the temperature of capacitors directly after operation for a longer period, but make sure that the capacitors have been switched off. In case of excessive temperature of individual capacitors, it is recommended to replace these capacitors, as this should be an indication for loss factor increase, which is a sign for reaching end of life. Storage and operating conditions Do not use or store capacitors in corrosive atmosphere, especially where chloride gas, sulfide gas, acid, alkali, salt or the like are present. In dusty environments regular maintenance and cleaning especially of the terminals is required to avoid conductive path between phases and/or phases and ground. Note For detailed information about PFC capacitors and cautions, refer to the latest version of EPCOS PFC Product Profile. Important: Please note that the General Safety Recommendations for Power Capacitors" by ZVEI (German Electrical and Electronic Manufacturers Association (ZVEI) have to be observed in addition to the caution guidelines stated in the data sheet (Internet: www.epcos.com/pfc).
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 11 of 12
June 2009
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, PhiCap, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 12 of 12


▲Up To Search▲   

 
Price & Availability of B32340C4002A800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X